Part Number Hot Search : 
UZ7860 A5800847 CPD48 BT2222A HA5023 CAT4026 MAX66020 5320PI
Product Description
Full Text Search
 

To Download AP0503GMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP0503GMA
Pb Free Plating Product
Advanced Power Electronics Corp.
SO-8 similar area footprint and pin assignment Low Gate Drive Voltage Lower On-resistance RoHS Compliant G D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 4.2m 75A
Description
S
D
The APAK-5 package is preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
SS SG
APAK-5
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current
1
Rating 30 12 75 56 300 70 0.6
4
Units V V A A A W W/ mJ A
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Storage Temperature Range Operating Junction Temperature Range
29 24 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient
3
Value Max. Max. 1.8 85
Units /W /W
Data & specifications subject to change without notice
200429052-1/4
AP0503GMA
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 30 0.5 -
Typ. 0.018 88 52 8 21 19 83 60 115 620 360 0.85
Max. Units 4.2 6 9 1.2 1 25 100 83 1.3 V V/ m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V, ID=30A VGS=4.5V, ID=30A VGS=2.5V, ID=20A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=250uA VDS=5V, ID=30A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=12V ID=30A VDS=24V VGS=4.5V VDS=15V ID=30A RG=3.3,VGS=5V RD=0.5 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
5130 8200
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=45A, VGS=0V IS=30A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 38 30
Max. Units 1.3 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on FR4 board. 4.Starting Tj=25oC , VDD=25V , L=0.1mH , RG=25
2/4
AP0503GMA
150 150
T C =25 C
o
ID , Drain Current (A)
100
ID , Drain Current (A)
5.0V 4.5V 3.5V 2.5V
T C = 1 50 o C
5.0 V 4.5 V 3.5 V 2.5V
100
50
50
V G = 1.5 V V G =1.5V
0
0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
16
1.7
I D = 20 A T c =25
12
I D =30A V G =4.5V Normalized RDS(ON)
1.3
RDS(ON) (m)
8
0.9
4
0.5 0 2 4 6 8 10 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.0
6
1.5
4
Is (A)
T j =150 o C
T j =25 o C
Normalized VGS(th) (V)
1.0
2
0.5
0
0.0
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
AP0503GMA
f=1.0MHz
15
10000
I D =30A
12
C iss V DS =15V V DS =20V V DS =24V
VGS , Gate to Source Voltage (V)
9
C (pF)
1000
6
C oss C rss
3
0
100 0 30 60 90 120 150 1 6 11 16 21 26 31
Q G , Total Gate Charge (nC)
V DS ,Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
100
0.2
0.1
ID (A)
0.1
0.05
1ms
10
PDM
t
0.02
T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
Single Pulse
T c =25 o C Single Pulse
1
10ms 100ms DC
1 10 100
0.01
0.01 0.1
0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
100
V DS =5V
80
VG QG
ID , Drain Current (A)
60
T j =25 C
o
T j =150 C
o
4.5V QGS QGD
40
20
Charge
0 0 1 2 3 4
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4/4


▲Up To Search▲   

 
Price & Availability of AP0503GMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X